| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250Q bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 130 page ![]() Functional description—application modules SN250 34/130 Table 18. GPIO pin functions GPIO Pin Always Connected Input Functions Timer Functions Serial Digital Functions Analog Function Output Current Drive 0 IO TMR1IA.1 (when CAP1-0 mode) MOSI Standard 1 IO TMR2IA.2 (when CAP2-1 mode) MISO / SDA Standard 2 IO TMR2IB.2 (when CAP2-1 mode) MSCLK / SCL Standard 3 IO TMR1IB.1 (when CAP1-0 mode) nSSEL (input) Standard 4 IO PTI_EN ADC0 input Standard 5 IO PTI_DATA ADC1 input Standard 6 IO TMR2CLK, TMR1ENMSK ADC2 input Standard 7IO REG_EN (open collector enable for external regulator) ADC3 input Standard 8 IO / IRQA TMR1CLK, TMR2ENMSK VREF_OUT Standard 9IO TMR1IA.2 (when CAP1-1 or CAP1-1h mode) TXD / MO / MSDA Standard 10 IO TMR1IB.2 (when CAP1-1 mode) RXD / MI / MSCL Standard 11 IO TMR2IA.1 (when CAP2-0 mode) nCTS / MCLK Standard 12 IO TMR2IB.1 (when CAP2-0 mode) nRTS Standard 13 IO TMR2OA TMR1IA.3 (when CAP1-2h or CAP1-2 mode) High 14 IO / IRQB TMR2OB TMR1IB.3 (when CAP1-2 mode) High 15 IO / IRQC TMR1OA TMR2IA.3 (when CAP2-2 mode) High 16 IO / IRQD TMR1OB TMR2IB.3 (when CAP2-2 mode) High |