| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250Q bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 130 page ![]() SN250 Functional description—application modules 65/130 SC1_TXBEGB [0x448C] SC1_TXENDB [0x448E] SC1_RXERRA [0x449A] 15 0-R 14 1-R 13 1-R 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW 0 1 1 SC1_TXBEGB SC1_TXBEGB 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 SC1_TXBEGB [12:0] DMA Start address (byte aligned) for transmit buffer B. 15 0-R 14 1-R 13 1-R 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW 0 1 1 SC1_TXENDB SC1_TXENDB 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 SC1_TXENDB [12:0] DMA End address (byte aligned) for transmit buffer B. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 SC1_RXERRA SC1_RXERRA 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 SC1_RXERRA [12:0] A byte offset (from 0) which points to the location of the first error in the DMA receive buffer A. If there is no error, it will hold the value zero. This register will not be updated by subsequent errors arriving in the DMA. The next error will only be recorded if the buffer unloads and is reloaded or the receive DMA is reset. |