| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN250Q bảng dữ liệu(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q bảng dữ liệu(HTML) 75 Page - STMicroelectronics |
|
75 / 130 page ![]() SN250 Functional description—application modules 75/130 significant bits of the 10-bit address. The remaining lower bit contains the command type (“read” or “write”). The second transmit segment is for the remaining 8 bits of the 10-bit address. Table 27. I2C master segment formats SC2_I2CCTR L1 Frame Segments 3 1 0 0 0 SC2-2 mode 3 010 0 SC2-2 mode 3 001 0 SC2-2 mode 3 000 1 SC2-2 mode 3 0 0 0 0 SC2-2 mode No pending frame segment 31 - - 1 1 1 - - - 1 1 - - - 1 1 SC2-2 mode Illegal |