công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN250Q bảng dữ liệu(PDF) 124 Page - STMicroelectronics

tên linh kiện SN250Q
Giải thích chi tiết về linh kiện  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q bảng dữ liệu(HTML) 124 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 120Page - STMicroelectronics SN250Q Datasheet HTML 121Page - STMicroelectronics SN250Q Datasheet HTML 122Page - STMicroelectronics SN250Q Datasheet HTML 123Page - STMicroelectronics SN250Q Datasheet HTML 124Page - STMicroelectronics SN250Q Datasheet HTML 125Page - STMicroelectronics SN250Q Datasheet HTML 126Page - STMicroelectronics SN250Q Datasheet HTML 127Page - STMicroelectronics SN250Q Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 130 page
background image
Register address table
SN250
124/130
Block:
EVENT
4600–4638 Event control and status registers
Address
Name
Type
Reset
0x4600
INT_FLAG
RW
0x0000
Interrupt source
0x4602
INT_MISS
RW
0x0000
Interrupt event missed
0x460C
INT_SC1FLAG
RW
0x0000
SC1 Interrupt source
0x460E
INT_SC2FLAG
RW
0x0000
SC2 Interrupt source
0x4610
INT_GPIOFLAG
RW
0x0000
GPIO Interrupt source
0x4614
INT_TMRFLAG
RW
0x0000
Timer Interrupt source
0x4618
INT_EN
RW
0x0000
Interrupt Enable
0x461A
INT_CFG
RW
0x0000
Interrupt config
0x4624
INT_SC1CFG
RW
0x0000
SC1 Interrupt config
0x4626
INT_SC2CFG
RW
0x0000
SC2 Interrupt config
0x4628
INT_GPIOCFG
RW
0x0000
GPIO Interrupt config
0x462C
INT_TMRCFG
RW
0x0000
Timer Interrupt config
0x4630
GPIO_INTCFGA
RW
0x0000
GPIO Interrupt A config
0x4632
GPIO_INTCFGB
RW
0x0000
GPIO Interrupt B config
0x4634
GPIO_INTCFGC
RW
0x0000
GPIO Interrupt C config
0x4636
GPIO_INTCFGD
RW
0x0000
GPIO Interrupt D config
0x4638
INT_SWCTRL
RW
0x0000
Software interrupt
Table 40.
Register address table (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More