công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC708KL8GRS/D bảng dữ liệu(PDF) 97 Page - NXP Semiconductors

tên linh kiện HC708KL8GRS/D
Giải thích chi tiết về linh kiện  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D bảng dữ liệu(HTML) 97 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 95Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 96Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 97Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 98Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 99Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 100Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 246 page
background image
System Integration Module (SIM)
MC68HC708KL8 — Rev. 2.1
General Release Specification
Freescale Semiconductor
System Integration Module (SIM)
97
ILAD — Illegal Address Reset Bit (opcode fetches only)
1 = An illegal address reset has occurred since the last read
of the RSR.
0 = POR or read of RSR
USB — Universal Serial Bus Reset Bit
1 = Last reset caused by an USB module
0 = POR or read of RSR
8.8.3 Break Flag Control Register
The break control register contains a bit that enables software to clear
status bits while the MCU is in a break state.
BCFE — Break Clear Flag Enable Bit
This read/write bit enables software to clear status bits by
accessing status registers while the MCU is in a break state.
To clear status bits during the break state, the BCFE bit must
be set.
1 = Status bits clearable during break
0 = Status bits not clearable during break
Address:
$FE03
Bit 7
654321
Bit 0
Read:
BCFE
RRRRRRR
Write:
POR:
0
R
= Reserved
Figure 8-21. Break Flag Control Register (BFCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com