công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC708KL8GRS/D bảng dữ liệu(PDF) 91 Page - NXP Semiconductors

tên linh kiện HC708KL8GRS/D
Giải thích chi tiết về linh kiện  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D bảng dữ liệu(HTML) 91 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 87Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 88Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 246 page
background image
System Integration Module (SIM)
MC68HC708KL8 — Rev. 2.1
General Release Specification
Freescale Semiconductor
System Integration Module (SIM)
91
8.7 Low-Power Modes
Executing the WAIT or STOP instruction puts the MCU in a low-power-
consumption mode for standby situations. The SIM holds the CPU in a
non-clocked state. The operation of each of these modes is described
here. Both STOP and WAIT clear the interrupt mask (I) in the condition
code register, allowing interrupts to occur.
8.7.1 Wait Mode
In wait mode, the CPU clocks are inactive while the peripheral clocks
continue to run. Figure 8-14 shows the timing for wait mode entry.
A module that is active during wait mode can wake up the CPU with an
interrupt if the interrupt is enabled. Stacking for the interrupt begins one
cycle after the WAIT instruction during which the interrupt occurred. In
wait mode, the CPU clocks are inactive. Refer to the wait mode
subsection of each module to see if the module is active or inactive in
wait mode. Some modules can be programmed to be active in wait
mode.
Wait mode can also be exited by a reset or break. A break interrupt
during wait mode sets the SIM break stop/wait bit, SBSW, in the break
status register (BSR). If the COP disable bit, COPD, in the configuration
register is logic 0, then the computer operating properly module (COP)
is enabled and remains active in wait mode.
Figure 8-14. Wait Mode Entry Timing
WAIT ADDR + 1
SAME
SAME
IAB
IDB
PREVIOUS DATA
NEXT OPCODE
SAME
WAIT ADDR
SAME
R/W
NOTE: Previous data can be operand data or the WAIT opcode, depending on the
last instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com