công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC708KL8GRS/D bảng dữ liệu(PDF) 92 Page - NXP Semiconductors

tên linh kiện HC708KL8GRS/D
Giải thích chi tiết về linh kiện  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D bảng dữ liệu(HTML) 92 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 88Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 95Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 246 page
background image
System Integration Module (SIM)
General Release Specification
MC68HC708KL8 — Rev. 2.1
92
System Integration Module (SIM)
Freescale Semiconductor
Figure 8-15 and Figure 8-16 show the timing for WAIT recovery.
Figure 8-15. Wait Recovery from Interrupt or Break
Figure 8-16. Wait Recovery from Internal Reset
8.7.2 Stop Mode
In stop mode, the SIM counter is reset and the system clocks are
disabled. An interrupt request from a module can cause an exit from stop
mode. Stacking for interrupts begins after the selected stop recovery
time has elapsed. Reset or break also causes an exit from stop mode.
The SIM disables the oscillator signals (CGMOUT and CGMXCLK) in
stop mode, stopping the CPU and peripherals. Stop recovery time is
selectable using the SSREC bit in the configuration register (CONFIG).
If SSREC is set, stop recovery is reduced from the normal delay of 4096
CGMXCLK cycles down to 32. This is ideal for applications using canned
oscillators that do not require long startup times from stop mode.
$6E0C
$6E0B
$00FF
$00FE
$00FD
$00FC
$A6
$A6
$01
$0B
$6E
$A6
IAB
IDB
EXITSTOPWAIT
NOTE: EXITSTOPWAIT = RST pin or CPU interrupt or break interrupt
IAB
IDB
RST
$A6
$A6
$6E0B
RSTVCTH
RSTVCTL
$A6
CGMXCLK
32
CYCLES
32
CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com