công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC708KL8GRS/D bảng dữ liệu(PDF) 83 Page - NXP Semiconductors

tên linh kiện HC708KL8GRS/D
Giải thích chi tiết về linh kiện  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D bảng dữ liệu(HTML) 83 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 80Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 81Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 82Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 83Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 84Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 85Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 86Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 246 page
background image
System Integration Module (SIM)
MC68HC708KL8 — Rev. 2.1
General Release Specification
Freescale Semiconductor
System Integration Module (SIM)
83
8.4.2.5 Universal Serial Bus Reset
The USB module will detect a reset signaled on the bus by the presence
of an extended SE0 at the USB data pins of a device. The reset signaling
is specified to be present for a minimum of 10 ms. An active device
(powered and not in the suspend state) seeing a single-ended 0 on its
USB data inputs for more than 2.5
µs may treat that signal as a reset,
but must have interpreted the signaling as a reset within 5.5
µs. For a
low-speed device, an SE0 condition between 4 and 8 low-speed bit
times represents a valid USB reset. After the reset is removed, the
device will be in the attached, but not yet addressed or configured, state
(refer to Section 9.1 USB Devices of the Universal Serial Bus
Specification Rev. 1.0). The device must be able to accept the device
address via a SET_ADDRESS command (refer to Section 9.4 of the
Universal Serial Bus Specification Rev. 1.0) no later than 10 ms after the
reset is removed.
Reset can wake a device from the suspended mode. A device may take
up to 10 ms to wake up from the suspended state.
8.5 SIM Counter
The SIM counter is used by the power-on reset module (POR) and in
stop mode recovery to allow the oscillator time to stabilize before
enabling the internal bus (IBUS) clocks. The SIM counter also serves as
a prescalar for the computer operating properly module (COP). The SIM
counter uses 12 stages for counting, followed by a 13th stage that
triggers a reset of SIM counters and supplies the clock for the COP
module. The SIM counter is clocked by the falling edge of CGMXCLK.
8.5.1 SIM Counter During Power-On Reset
The power-on reset module (POR) detects power applied to the MCU.
At power-on, the POR circuit asserts the signal PORRST. Once the SIM
is initialized, it enables the oscillator to drive the bus clock state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com