| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTV07R bảng dữ liệu(PDF) 15 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R bảng dữ liệu(HTML) 15 Page - Amphenol Corporation |
|
15 / 54 page ![]() 13 front face of pin inserts illustrated Insert Arrangement 25-29 25-35 25-37 Service Rating I M I Number of Contacts 29 128 37 Contact Size 16 22D 16 Insert Arrangement 25-41 25-43 25-46 Service Rating N/Inst. I I Number of Contacts 22 3 11 2 3 23 20 40 4 2 Contact Size 22D 20 16 12 Coax 8 Twinax 20 16 20 16 8 Coax† CONTACT LEGEND Tri-Start insert arrangements Insert Arrangement 25-61 25-90 25-F4 Service Rating I I Size 22D = M, Balance = I Number of Contacts 61 40 4 2 49 13 4 Contact Size 20 20 16 8 Twinax 22D 16 12 † Coax contacts for RG180/U or RG195/U cable. A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f 1 4 7 8 14 15 24 25 35 36 47 48 58 59 70 71 81 82 93 94 104 105 114 115 121 125 128 A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r B P C N D M E L F G H J K A R Y XS W Z T U V d e n p q g a c b j kh m s t r i A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r s t u v w x A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r s t u v w x y z AA A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h i j k m n p q r s t u v w x y z BB CC DD EE F F GG HH JJ KK LL MM NN AA PP A B C D E F G H J K L M N a P R S T U V W X Y Z b c d e f g h AA k q m n p r s t u v w x y z 1 17 18 19 49 35 20 21 22 23 16 15 48 59 60 66 64 65 37 50 51 41 42 43 31 30 38 39 40 29 27 26 25 24 54 63 62 61 36 32 53 52 44 55 56 57 46 34 14 13 45 12 11 10 9 8 7 6 5 4 3 2 33 28 47 58 8 10 12 16 20 22D |