| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTV07R bảng dữ liệu(PDF) 23 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R bảng dữ liệu(HTML) 23 Page - Amphenol Corporation |
|
23 / 54 page ![]() 21 GG (TV) GG (CTV) 1 S (TV) S (CTV) 2 PLACES 1 B THREAD LL (TV) LL (CTV) 1 1 M (TV) M (CTV) .280 MIN FULL THD 7.11 MIN FULL THD L (TV) L (CTV) 1 Z (TV) Z (CTV) 1 1.240MAX 31.50 MAX V THREAD D –A– RED BAND † BLUE BAND†† .861 MAX 21.87 MAX (TV) .909 MAX 23.09 MAX (CTV) 1.037 MAX 26.34 MAX (TV) 1.084 MAX 27.53 MAX (CTV) VIEW D FOR SIZE 8 TWINAX ONLY, RELATIVE TO VIEW D FOR SIZE 8 COAXIAL ONLY, RELATIVE TO –A– –A– TV01R – crimp, metal CTV01R – crimp, composite line receptacle † Red band indicates fully mated †† Blue band indicates rear release contact retention system MS M M1 LL Shell +.00 +.00 L L1 SS1 VZ Z1 GG GG1 +.15 LL1 Shell Size –.13 –.13 Max Max ±.25 ±.25 Thread Max Max ±.25 ±.25 –.00 ±.13 Size Coded (TV) (CTV) (TV) (CTV) (TV) (CTV) Metric (TV) (CTV) (TV) (CTV) (TV) (CTV) 9 A 20.83 19.63 11.91 13.06 17.15 16.13 M12X1-6g 3.89 5.03 20.62 17.75 22.99 23.06 11 B 20.83 19.63 11.91 13.06 20.32 19.43 M15X1-6g 3.89 5.03 22.99 22.22 22.99 23.06 13 C 20.83 19.63 11.91 13.06 23.50 22.47 M18X1-6g 3.89 5.03 27.76 25.57 22.99 23.06 15 D 20.83 19.63 11.91 13.06 26.67 27.94 M22X1-6g 3.89 5.03 30.96 28.95 22.99 23.06 17 E 20.83 19.63 11.91 13.06 31.45 30.40 M25X1-6g 3.89 5.03 34.93 31.21 22.99 23.06 19 F 20.83 19.63 11.91 13.06 33.02 32.00 M28X1-6g 3.89 5.03 37.31 35.05 22.99 23.06 21 G 20.07 18.82 12.70 13.84 36.20 35.18 M31X1-6g 4.65 5.79 41.28 37.92 22.99 22.96 23 H 20.07 18.82 12.70 13.84 39.37 38.35 M34X1-6g 4.65 5.79 44.45 41.30 22.99 22.96 25 J 20.07 18.82 12.70 13.84 42.55 41.53 M37X1-6g 4.65 5.79 47.63 45.13 22.99 22.96 Millimeters All dimensions for reference only MS M M1 LL Shell B Thread +.000 +.000 L L1 SS1 ZZ1 GG GG1 +.006 LL1 Shell Size 0.1P-0.3L-TS-2A –.005 –.005 Max. Max. ±.010 ±.010 Max. Max. ±.010 ±.010 –.000 ±.005 Size Code (Plated) (TV) (CTV) (TV) (CTV) (TV) (CTV) (TV) (CTV) (TV) (CTV) (TV) (CTV) 9 A .6250 .820 .773 .469 .514 .675 .635 .153 .198 .812 .699 .905 .908 11 B .7500 .820 .773 .469 .514 .800 .765 .153 .198 .905 .875 .905 .908 13 C .8750 .820 .773 .469 .514 .925 .885 .153 .198 1.093 1.007 .905 .908 15 D 1.0000 .820 .773 .469 .514 1.050 1.100 .153 .198 1.219 1.140 .905 .908 17 E 1.1875 .820 .773 .469 .514 1.238 1.197 .153 .198 1.375 1.229 .905 .908 19 F 1.2500 .820 .773 .469 .514 1.300 1.260 .153 .198 1.469 1.380 .905 .908 21 G 1.3750 .790 .741 .500 .545 1.425 1.385 .183 .228 1.625 1.493 .905 .904 23 H 1.5000 .790 .741 .500 .545 1.550 1.510 .183 .228 1.750 1.626 .905 .904 25 J 1.6250 .790 .741 .500 .545 1.675 1.635 .183 .228 1.875 1.777 .905 .904 Inches Part number reference. See how to order, 43-45 to complete. TV01RW-XX-XXX TVS01RF-XX-XXX CTV01RW-XX-XXX CTVS01RF-XX-XXX |