| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTV07R bảng dữ liệu(PDF) 43 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R bảng dữ liệu(HTML) 43 Page - Amphenol Corporation |
|
43 / 54 page ![]() 41 SOCKETS PINS Contact Stickout Max/Min (See Illustration below) PCB D38999/24 Socket Tail D38999/20 D38999/26 TV07 Contacts Size Dia TVP00 TV06 Metal Composite 10-497623-15 22D .019 .291 .316 .285 .242 .226 .251 .222 .182 10-497623-25 22D .019 .868 .893 .862 .819 .803 .828 .802 .759 10-497623-35 22D .019 .348 .373 .342 .299 .283 .308 .282 .239 10-497623-45 22D .019 .208 .233 .202 .159 .143 .168 .142 .099 10-497623-75 22D .019 .146 .171 .140 .097 .081 .106 .080 .037 10-497623-105 22D .019 .028 .053 .022 .021 NS .000 NS NS 10-497623-145 22D .019 .609 .634 .603 .560 .539 .564 .538 .495 10-497623-155 22D .019 .423 .448 .417 .374 .358 .383 .357 .314 10-497643-15 20 .019 .348 .373 .342 .299 .294 .319 .293 .250 10-497643-25 20 .019 .213 .238 .207 .164 .159 .184 .158 .115 10-497643-35 20 .019 .555 .580 .549 .506 .501 .526 .500 .457 10-497643-45 20 .019 .138 .163 .132 .089 .084 .109 .083 .040 10-497650-15 16 .040 .255 .280 .249 .206 .201 .226 .200 .157 Wire Wrap Tail Contacts Square 10-497577-15 22D .025 .155 .180 .149 .106 .090 .115 .089 .046 10-497577-25 22D .025 .002 .027 NS NS NS NS NS NS 10-897577-35 22D .025 .201 .226 .195 .152 .136 .161 .135 .092 10-497577-55 22D .025 .566 .591 .560 .517 .501 .526 .500 .457 10-497621-15 20 .025 .151 .176 .145 .102 .101 .126 .100 .057 10-497621-25 20 .025 .605 .630 .599 .556 .555 .580 .554 .511 10-497621-35 20 .025 .308 .333 .302 .259 .258 .283 .257 .214 Contact Stickout Max/Min (See Illustration below) PCB D38999/24 Pin Tail D38999/20 D38999/26 TV07 Contacts Size Dia TVP00 TV06 Metal Composite 10-407552-15 22M .019 .335 .360 .329 .286 .280 .305 .279 .236 10-407552-55 22M .019 .224 .249 .218 .175 .169 .194 .168 .125 10-407552-85 22M .019 .060 .085 .054 .011 .010 .035 .009 NS 10-407552-95 22M .019 NS NS NS NS 10-407552-115 22M .019 .002 .023 NS NS NS NS 10-497640-15 20 .019 .348 .373 .342 .299 .298 .323 .297 .254 10-497640-25 20 .019 .213 .238 .207 .164 .163 .188 .162 .119 10-497640-45 20 .019 NS NS NS NS 10-497640-65 20 .019 .138 .163 .132 .089 .088 .113 .087 .044 10-497596-15 20 .025 .058 .083 .052 .009 .012 .037 .011 NS 10-497596-25 20 .025 .148 .173 .142 .099 .102 .127 .101 .058 10-497596-35 20 .025 .229 .254 .223 .180 .183 .208 .182 .139 10-497596-55 20 .025 .346 .371 .340 .297 .300 .325 .299 .256 10-497695-15 16 .040 .255 .280 .249 .206 .205 .230 .204 .161 10-497630-25 16 .062 .348 .373 .342 .299 .298 .323 .297 .254 10-497630-35 16 .062 .060 .085 .054 .011 .010 .035 .009 NS 10-497630-45 16 .062 .108 .133 .102 .059 .062 .087 .061 .018 10-597502-15 12 .081 .228 .252 .222 .179 .178 .203 .177 .134 Wire Wrap Tail Contacts Square 10-407572-15 22D .025 .014 .498 .008 NS NS .007 NS NS 10-407572-35 22D .025 .155 .180 .149 .106 .105 .130 .104 .061 10-407572-45 22D .025 .255 .280 .249 .206 .205 .230 .204 .161 10-407572-75 22D .025 .521 .546 .515 .472 .475 .500 .474 .431 10-407584-25 20 .025 .605 .630 .599 .556 .559 .584 .558 .515 10-407584-35 20 .025 .308 .333 .302 .259 .262 .287 .261 .218 All dimensions for reference only. Consult Sidney, NY for specific contact contour stickout data. NS designates No Stickout. See also catalog 12-170, Amphenol Cylindrical Connectors for PCB Applications. This catalog provides the most commonly used insert pattern pin-out drawings which have been tooled for the purpose of attaching cylindrical connectors to printed circuit boards. PCB Socket and pin part numbers include finish designation - gold plating over suitable underplate in accordance with MIL-C-39029. For other finish variations, consult Amphenol, Sidney, NY. Note: 22M and 22D contacts are interchangeable. For other contact options available for use in Tri-Start connectors (thermocouple, fiber optic), consult Amphenol, Sidney, NY. Tri-Start contacts – printed circuit board, wire wrap CONTACT STICK OUT MAX/MIN |