| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTV07R bảng dữ liệu(PDF) 14 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R bảng dữ liệu(HTML) 14 Page - Amphenol Corporation |
|
14 / 54 page ![]() 12 front face of pin inserts illustrated Tri-Start insert arrangements Insert Arrangement 25-4 25-7 25-8 Service Rating I Twinax Twinax Number of Contacts 48 8 97 2 8 Contact Size 20 16 22D 8 Twinax 8 Twinax Insert Arrangement 25-11*** 25-17 25-19 Service Rating N M I Number of Contacts 2 9 36 6 19 Contact Size 20 10 Power 22D 8 Twinax 12 Insert Arrangement 25-20*** 25-24 25-26 Service Rating N I I Number of Contacts 10 13 3 4 12 12 16 5 4 Contact Size 20 16 8 Twinax 12 Coax 16 12 20 12 8 Coax (With Matched Impedance) CONTACT LEGEND *** For use in MIL-STD-1760 applications (see pages 31 and 32). A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r t u v w x y z s JJ KK L L AA BB C C D D E E FF G G HH 1 6 7 15 16 18 19 21 22 24 26 28 29 32 33 41 42 46 53 59 60 64 67 68 72 74 76 78 79 81 82 84 85 93 94 99 25 75 A B C D E F G H A B C D E F G H J K L AB C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r s t u v w AB C D E F G H J K L M NP R S T UV A B C D E F G H J K L M N P R S T U V W X Y Z 1 2 3 4 5 6 7 A B C D E F G H J K L M N P R S T U V W X Y Z a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 8 10 12 16 20 22D |