| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTV07R bảng dữ liệu(PDF) 12 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R bảng dữ liệu(HTML) 12 Page - Amphenol Corporation |
|
12 / 54 page ![]() 10 Tri-Start insert arrangements Insert Arrangement 17-35 17-99 19-11 19-18 Service Rating M I II M Number of Contacts 55 21 2 11 14 4 Contact Size 22D 20 16 16 22D 8 Twinax Insert Arrangement 19-28 19-31 19-32 19-35 Service Rating I M I M Number of Contacts 26 2 2 1 12 32 66 Contact Size 20 16 8 Coax 12 22D 20 22D Insert Arrangement 21-11 21-16 21-29 21-35 Service Rating I II I M Number of Contacts 11 16 19 4 4 79 Contact Size 12 16 20 16 12 22D CONTACT LEGEND front face of pin inserts illustrated 1 3 4 9 10 16 17 24 25 31 32 39 40 47 46 52 53 55 A B C D E F G H J K L M N P R S T U V W X Y Z A B C D E F G H J K L A B C D E F G H R J K L M N P S T U V W X Y Z a b c d e A B C E K M N R S U V W g h f A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h j 1 2 3 4 9 10 16 17 24 25 33 34 42 43 50 51 57 58 63 64 66 A B C D E F G H J K L A B C D E F G H J K L M N P R S 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 24 23 25 26 27 1 11 21 31 41 51 61 71 79 8 10 12 16 20 22D A B C D E F G H J K L M N P R S T U |