công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UE48-2OS2D2 bảng dữ liệu(PDF) 62 Page - SICK AG

tên linh kiện UE48-2OS2D2
Giải thích chi tiết về linh kiện  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 bảng dữ liệu(HTML) 62 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 58Page - SICK AG UE48-2OS2D2 Datasheet HTML 59Page - SICK AG UE48-2OS2D2 Datasheet HTML 60Page - SICK AG UE48-2OS2D2 Datasheet HTML 61Page - SICK AG UE48-2OS2D2 Datasheet HTML 62Page - SICK AG UE48-2OS2D2 Datasheet HTML 63Page - SICK AG UE48-2OS2D2 Datasheet HTML 64Page - SICK AG UE48-2OS2D2 Datasheet HTML 65Page - SICK AG UE48-2OS2D2 Datasheet HTML 66Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
6 2
ue44-3Sl
Internal circuitry
Channel 1 Channel 2
RESET
CONTROL-LOGIC
K2
K4
K1
K3
+
S31 S22
S12
S21
-
S11
+
A1 A2
13 23
14 24
37
38
S33 S34 S35
(-)
(+)
Function
After applying the supply voltage (LED SUPPLY illuminates), the
normally open contacts (13 - 14 / 23 - 24) remain open. After
completion of the on-delay set on the relay, the delay circuit (37
- 38) closes, and the LED K3/K4 illuminates. If the connected
sensor is not activated (i.e., the input circuits are closed), the
normally open contacts (13 - 14 / 23 - 24) close immediately
during automatic reset, the LED K1/K2 illuminates, and the
delay circuit (37 - 38) opens (LED K3/K4 off). In the case of
manual reset, this only occurs after pressing and releasing the
reset button.
The activation of the sensor (opening of one or both input
circuits) affects the opening of both normally open contacts (13
- 14 / 23 - 24), with LEDs K1/K2 being off, and a time delayed
closing of the third circuit (37 - 38), with LED K3/K4 illuminat-
ing.
External device monitoring (EDM)
The unit can take over external device monitoring. The contac-
tor monitoring system monitors the external relays by way of
their normally closed contacts.
Manual reset
For manual reset, a pushbutton is to be connected between
24 V DC supply and terminal S34. This reset is monitored.
For applications with mechanical locking safety switches, only
channel 2 must be closed during manual reset.
Automatic reset
For automatic reset, S12 - S35 must be linked. For applications
with mechanical locking safety switches, only channel 1 must
be closed during automatic reset.
Cross-circuit detection
Cross-circuit is detected on dual-channel wired systems, if
these are wired with opposing polarity.
Monitoring of synchronization
Only if input 2 closes no later than 0.5 sec after input 1, do
the output circuits close. If input 2 closes before input 1, the
synchronization monitoring will not be affected and the output
circuits will close. This monitoring only takes place in automatic
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com