công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UE48-2OS2D2 bảng dữ liệu(PDF) 90 Page - SICK AG

tên linh kiện UE48-2OS2D2
Giải thích chi tiết về linh kiện  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 bảng dữ liệu(HTML) 90 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 84Page - SICK AG UE48-2OS2D2 Datasheet HTML 85Page - SICK AG UE48-2OS2D2 Datasheet HTML 86Page - SICK AG UE48-2OS2D2 Datasheet HTML 87Page - SICK AG UE48-2OS2D2 Datasheet HTML 88Page - SICK AG UE48-2OS2D2 Datasheet HTML 89Page - SICK AG UE48-2OS2D2 Datasheet HTML 90Page - SICK AG UE48-2OS2D2 Datasheet HTML 91Page - SICK AG UE48-2OS2D2 Datasheet HTML 92Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Contact expansions
9 0
ue11-4dX
connection diagram
A1 A2
47
27 37
17
55 65
Y1
48
28 38
18
56 66
Y2
K1
K2
Function
The supply voltage of the contact expansion module is triggered
by the standard unit’s output contact.
Upon applying the supply voltage to terminals A1 and A2, relays
K1 and K2 are energized (the LEDs for both relays illuminate):
The 4 output contacts close and the two normally closed
contacts and the EDM (feedback) circuit switch to open circuit
status.
When the output contacts of the standard unit open (e.g., by
activation of the emergency stop switch), the relays K1 and K2
de-energize after a unit specific delay. These fixed switch-off
delay times of 0.5 s, 1 s, 2 s and 3 s are according to the type.
This is achieved by means of capacitors to ensure that the off-
delay runs its full duration, even during power supply failures.
Only after the delay period has expired do the relays K1 and
K2 return to their neutral rest position. With the combination of
UE11-4DX (with off-delayed) and a standard unit, stop category
1 (EN 418) can be realized.
External device monitoring (EDM)
If external device monitoring is implemented in the upstream
installed standard unit, then the normally closed contacts (Y1
- Y2) prevent the standard unit from resetting, when K1 and/or
K2 do not de-energize.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com