công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF1502SL bảng dữ liệu(PDF) 29 Page - ATMEL Corporation

tên linh kiện ATF1502SL
Giải thích chi tiết về linh kiện  Family Datasheet
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502SL bảng dữ liệu(HTML) 29 Page - ATMEL Corporation

Back Button ATF1502SL Datasheet HTML 25Page - ATMEL Corporation ATF1502SL Datasheet HTML 26Page - ATMEL Corporation ATF1502SL Datasheet HTML 27Page - ATMEL Corporation ATF1502SL Datasheet HTML 28Page - ATMEL Corporation ATF1502SL Datasheet HTML 29Page - ATMEL Corporation ATF1502SL Datasheet HTML 30Page - ATMEL Corporation ATF1502SL Datasheet HTML 31Page - ATMEL Corporation ATF1502SL Datasheet HTML 32Page - ATMEL Corporation ATF1502SL Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
29
ATF1504SE(L)
2401D–PLD–09/02
Notes:
1. See ordering Information for valid part numbers.
2. The t
RPA parameter must be added to the tLAD,tLAC,tIC,tACL and tSEXP parameters for macrocells running in the reduced-
power mode.
3. fCNT is the fastest 16-bit counter frequency available, using the local feedback when applicable, and a PIA fan-out of one
logic block (16 macrocells). fCNT is also the Export Control Maximum flip-flop toggle rate, fTOG.
4. fACNT is the fastest 16-bit counter frequency available, using the internal array clock, local feedback when applicable and a
PIA fan-out of one logic block (16 macrocells).
5. f
MAX is the fastest available frequency for pipelined data.
6. For clocked applications and frequencies above f
CRITICAL, OR, non-clocked applications with dormant times less than 1/fCRIT-
ICAL, the device will achieve the speeds of the –10 column. See “Input Transition Detection/ Automatic Power Down” on page
8.
t
OD2
Output Buffer and Pad Delay
(slow slew rate = OFF; VCCIO =
3.3V; CL=35pF)
0.7
0.8
2.5
2.0
3.0
ns
tOD3
Output Buffer and Pad Delay
(slowslewrate= ON; VCCIO =5V
or 3.3V; C
L=35pF)
5.2
5.3
7.0
5.5
6.0
ns
t
ZX1
Output Buffer Enable Delay
(slow slew rate = OFF; V
CCIO =
5V; CL=35pF)
4.0
4.0
4.0
5.0
7.0
ns
tZX2
Output Buffer Enable Delay
(slow slew rate = OFF; VCCIO =
3.3V; C
L=35pF)
4.5
4.5
4.5
5.5
7.0
ns
t
ZX3
Output Buffer Enable Delay
(slowslewrate= ON; V
CCIO =5V
or 3.3V; CL=35pF)
9.0
9.0
9.0
9.0
10
ns
tXZ
Output Buffer Disable Delay
(CL=5 pF)
4.0
4.0
4.0
5.0
6.0
ns
t
SU
Register Setup Time
0.8
1.0
3.0
2.0
5.0
ns
t
H
Register Hold Time
1.7
2.0
2.0
3.0
4.0
ns
t
FSU
Register Setup Time of Fast
Input
1.9
1.8
3.0
3.0
5.0
ns
tFH
Register Hold Time of Fast Input
0.6
0.7
0.5
0.5
2.0
ns
tRD
Register Delay
1.2
1.6
1.0
2.0
2.0
ns
tCOMB
Combinatorial Delay
0.9
1.0
1.0
2.0
2.0
ns
t
IC
Array Clock Delay
2.7
3.3
3.0
5.0
6.0
ns
t
EN
Register Enable Time
2.6
3.2
3.0
5.0
6.0
ns
tGLOB
Global Control Delay
1.6
1.9
1.0
1.0
2.0
ns
tPRE
Register Preset Time
2.0
2.4
2.0
3.0
4.0
ns
tCLR
Register Clear Time
2.0
2.4
2.0
3.0
4.0
ns
tUIM
Switch Matrix Delay
1.1
1.3
1.0
1.0
2.0
ns
t
RPA
(2)
Reduced Power Adder
8.0
9.0
1.0
11
13
ns
AC Characteristics(1) ATF1504SE(L) (Continued)
Symbol
Parameter
SE -5
SE -6
SE -7
SE -10
SEL -15
(6)
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com