công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSM6DSV16BX bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện LSM6DSV16BX
Giải thích chi tiết về linh kiện  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button LSM6DSV16BX Datasheet HTML 27Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 28Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 29Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 30Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 31Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 32Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 33Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 34Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 148 page
background image
5.3.4
TDM configurations
All the LSM6DSV16BX TDM configurations programmable through the I²C/SPI/I3C interface are detailed in the
following subsections.
5.3.4.1
Configuration 1
•
No delay: SLOT0 data MSB is sampled on the first rising edge of BCLK after rising edge of WCLK (delayed
I²C register TDM_CFG0 (6Ch) bit 6 equal to zero)
•
Data valid: data valid on the rising edge of BCLK (data_valid I²C register TDM_CFG0 (6Ch) bit 5 equal to
zero)
Figure 17. WCLK, TDMout change on the falling edge of BCLK and are valid on the rising edge of BCLK,
no delay
Note:
Setup and hold times are defined in Table 8. TDM timing values.
5.3.4.2
Configuration 2
•
No delay: SLOT0 data MSB is sampled on the first falling edge of BCLK after rising edge of WCLK (delayed
I²C register TDM_CFG0 (6Ch) bit 6 equal to zero)
•
Data valid: data valid on the falling edge of BCLK (data_valid I²C register TDM_CFG0 (6Ch) bit 5 equal to
one)
Figure 18. WCLK, TDMout change on the rising edge of BCLK and are valid on the falling edge of BCLK,
no delay
Note:
Setup and hold times are defined in Table 8. TDM timing values.
LSM6DSV16BX
TDM interface
DS13771 - Rev 2
page 31/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com