| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV16BX bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV16BX bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 148 page ![]() The LSM6DSV16BX embeds advanced dedicated features and data processing for audio and motion processing like the finite state machine and machine learning core with exportable AI features/filters for IoT applications. The LSM6DSV16BX embeds Qvar (electric charge variation detection) sensing which allows detecting and improving presence and motion activity with external electrodes. The device also embeds an analog hub, which is able to connect an external analog input and convert it to a digital signal for processing. LSM6DSV16BX DS13771 - Rev 2 page 2/148 |