| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA350B bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA350B bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 94 page ![]() Register description STA350B, STA350BW 66/94 DocID018572 Rev 7 8.11.7 Limiter 2 extended attack threshold (addr 0x34) The extended attack threshold value is determined as follows: attack threshold = -12 + EATH2 / 4 8.11.8 Limiter 2 extended release threshold (addr 0x35) The extended release threshold value is determined as follows: release threshold = -12 + ERTH2 / 4 Note: Attack/release threshold step is 0.125 dB in the range -12 dB to 0 dB. 8.12 User-defined coefficient control registers (addr 0x16 - 0x26) 8.12.1 Coefficient address register 8.12.2 Coefficient b1 data register bits 23:16 8.12.3 Coefficient b1 data register bits 15:8 8.12.4 Coefficient b1 data register bits 7:0 D7 D6 D5 D4 D3 D2 D1 D0 EATHEN2 EATH2[6] EATH2[5] EATH2[4] EATH2[3] EATH2[2] EATH2[1] EATH2[0] TBD TBD TBD TBD TBD TBD TBD TBD D7 D6 D5 D4 D3 D2 D1 D0 ERTHEN2 ERTH2[6] ERTH2[5] ERTH2[4] ERTH2[3] ERTH2[2] ERTH2[1] ERTH2[0] TBD TBD TBD TBD TBD TBD TBD TBD D7 D6 D5 D4 D3 D2 D1 D0 CFA5 CFA4 CFA3 CFA2 CFA1 CFA0 00 0000 D7 D6 D5 D4 D3 D2 D1 D0 C1B23 C1B22 C1B21 C1B20 C1B19 C1B18 C1B17 C1B16 0000 0000 D7 D6 D5 D4 D3 D2 D1 D0 C1B15 C1B14 C1B13 C1B12 C1B11 C1B10 C1B9 C1B8 0000 0000 D7 D6 D5 D4 D3 D2 D1 D0 C1B7 C1B6 C1B5 C1B4 C1B3 C1B2 C1B1 C1B0 0000 0000 |