| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA350B bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA350B bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 94 page ![]() Register description STA350B, STA350BW 52/94 DocID018572 Rev 7 2.1 channels, two half-bridges + one full-bridge (OCFG = 01) • FFX1A -> OUT1A • FFX2A -> OUT1B • FFX3A -> OUT2A • FFX3B -> OUT2B • FFX1A -> OUT3A • FFX1B -> OUT3B • FFX2A -> OUT4A • FFX2B -> OUT4B • FFX1A/1B configured as binary • FFX2A/2B configured as binary • FFX3A/3B configured as binary • FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels the channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 29. Figure 29. 2.1 channels (OCFG = 01) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B AM045191v1 |