| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA350B bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA350B bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 94 page ![]() Register description STA350B, STA350BW 58/94 DocID018572 Rev 7 8.8.2 Audio preset register 2 (addr 0x0C) 8.8.3 AM interference frequency switching 8.8.4 Bass management crossover D7 D6 D5 D4 D3 D2 D1 D0 XO3 XO2 XO1 XO0 AMAM2 AMAM1 AMAM0 AMAME 0000 0000 Table 55. AM interference frequency switching bits Bit R/W RST Name Description 0R/W 0 AMAME Audio preset AM enable 0: switching frequency determined by PWMS setting 1: switching frequency determined by AMAM settings Table 56. Audio preset AM switching frequency selection AMAM[2:0] 48 kHz/96 kHz input fs 44.1 kHz/88.2 kHz input fs 000 0.535 MHz - 0.720 MHz 0.535 MHz - 0.670 MHz 001 0.721 MHz - 0.900 MHz 0.671 MHz - 0.800 MHz 010 0.901 MHz - 1.100 MHz 0.801 MHz - 1.000 MHz 011 1.101 MHz - 1.300 MHz 1.001 MHz - 1.180 MHz 100 1.301 MHz - 1.480 MHz 1.181 MHz - 1.340 MHz 101 1.481 MHz - 1.600 MHz 1.341 MHz - 1.500 MHz 110 1.601 MHz - 1.700 MHz 1.501 MHz - 1.700 MHz Table 57. Bass management crossover Bit R/W RST Name Description 4R/W 0 XO0 Selects the bass-management cross-over frequency. A 1st-order hign-pass filter (channels 1 and 2) or a 2nd-order low-pass filter (channel 3) at the selected frequency is performed. 5R/W 0 XO1 6R/W 0 XO2 7R/W 0 XO3 Table 58. Bass management crossover frequency XO[3:0] Crossover frequency 0000 User-defined 0001 80 Hz 0010 100 Hz 0011 120 Hz |