| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA350B bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA350B bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 94 page ![]() Register description STA350B, STA350BW 54/94 DocID018572 Rev 7 8.6.2 Invalid input detect mute enable Setting the IDE bit enables this function, which looks at the input I2S data and automatically mutes if the signals are perceived as invalid. 8.6.3 Binary output mode clock loss detection The BCLE bit detects loss of input MCLK in binary mode and outputs 50% duty cycle. 8.6.4 LRCK double trigger protection The LDTE bit actively prevents double triggering of the LRCLK. 8.6.5 Auto EAPD on clock loss When active, the ECLE bit issues a power device power-down signal (EAPD) on clock loss detection. 8.6.6 IC power-down The PWDN register is used to place the IC in a low-power state. When PWDN is written as 0, the output begins a soft-mute. After the mute condition is reached, EAPD is asserted Table 45. Invalid input detect mute enable Bit R/W RST Name Description 2 R/W 1 IDE Setting of 1 enables the automatic invalid input detect mute Table 46. Binary output mode clock loss detection Bit R/W RST Name Description 3 R/W 1 BCLE Binary output mode clock loss detection enable Table 47. LRCK double trigger protection Bit R/W RST Name Description 4 R/W 1 LDTE LRCLK double trigger protection enable Table 48. Auto EAPD on clock loss Bit R/W RST Name Description 5 R/W 0 ECLE Auto EAPD on clock loss Table 49. IC power-down Bit R/W RST Name Description 7R/W 1 PWDN 0: IC power-down low-power condition 1: IC normal operation |