| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F6488P/080PR bảng dữ liệu(PDF) 132 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6488P/080PR bảng dữ liệu(HTML) 132 Page - SINOWEALTH Electronic Ltd |
|
132 / 152 page ![]() SH79F6488/SH79F6489 132 9. Instruction Set ARITHMETIC OPERATIONS Opcode Description Code Byte Cycle ADD A, Rn Add register to accumulator 0x28-0x2F 1 1 ADD A, direct Add direct byte to accumulator 0x25 2 2 ADD A, @Ri Add indirect RAM to accumulator 0x26-0x27 1 2 ADD A, #data Add immediate data to accumulator 0x24 2 2 ADDC A, Rn Add register to accumulator with carry flag 0x38-0x3F 1 1 ADDC A, direct Add direct byte to A with carry flag 0x35 2 2 ADDC A, @Ri Add indirect RAM to A with carry flag 0x36-0x37 1 2 ADDC A, #data Add immediate data to A with carry flag 0x34 2 2 SUBB A, Rn Subtract register from A with borrow 0x98-0x9F 1 1 SUBB A, direct Subtract direct byte from A with borrow 0x95 2 2 SUBB A, @Ri Subtract indirect RAM from A with borrow 0x96-0x97 1 2 SUBB A, #data Subtract immediate data from A with borrow 0x94 2 2 INC A Increment accumulator 0x04 1 1 INC Rn Increment register 0x08-0x0F 1 2 INC direct Increment direct byte 0x05 2 3 INC @Ri Increment indirect RAM 0x06-0x07 1 3 DEC A Decrement accumulator 0x14 1 1 DEC Rn Decrement register 0x18-0x1F 1 2 DEC direct Decrement direct byte 0x15 2 3 DEC @Ri Decrement indirect RAM 0x16-0x17 1 3 INC DPTR Increment data pointer 0xA3 1 4 MUL AB 8 X 8 16 X 8 Multiply A and B 0xA4 1 11 20 DIV AB 8 / 8 16 / 8 Divide A by B 0x84 1 11 20 DA A Decimal adjust accumulator 0xD4 1 1 |