| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F6488P/080PR bảng dữ liệu(PDF) 75 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6488P/080PR bảng dữ liệu(HTML) 75 Page - SINOWEALTH Electronic Ltd |
|
75 / 152 page ![]() SH79F6488/SH79F6489 75 Table 8.4 P5 Mode Select Register 9EH Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 P5SS P5S7 P5S6 P5S5 P5S4 P5S3 P5S2 P5S1 P5S0 R/W R/W R/W R/W R/W R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) 0 0 0 0 0 0 0 0 Bit Number Bit Mnemonic Description 7-0 P5S[7:0] P0 mode select 0: P5.0-P5.7 is I/O 1: P5.0-P5.7 is Com or Segment Table 8.5 P6 Mode Select Register 9FH Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 P6SS P6S7 P6S6 P6S5 P6S4 P6S3 P6S2 P6S1 P6S0 R/W R/W R/W R/W R/W R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) 0 0 0 0 0 0 0 0 Bit Number Bit Mnemonic Description 7-0 P6S[7:0] P1 mode select 0: P6.0-P6.7 is I/O 1: P6.0-P6.7 is Segment Table 8.6 P7 Mode Select Register ACH Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 P7SS P7S7 P7S6 P7S5 P7S4 P7S3 P7S2 P7S1 P7S0 R/W R/W R/W R/W R/W R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) 0 0 0 0 0 0 0 0 Bit Number Bit Mnemonic Description 7-0 P7S[7:0] P7 mode select bit 0: P7.0-P7.7 is I/O 1: P7.0-P7.7 share as Segment Table 8.7 P8 Mode Select Register ADH Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 P8SS P8S7 P8S6 P8S5 P8S4 P8S3 P8S2 P8S1 P8S0 R/W R/W R/W R/W R/W R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) 0 0 0 0 0 0 0 0 Bit Number Bit Mnemonic Description 7-0 P3S[7:0] P8 mode select bit 0: P8.0-P8.7 is I/O 1: P8.0-P8.7 share as Segment |