| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F6488P/080PR bảng dữ liệu(PDF) 124 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6488P/080PR bảng dữ liệu(HTML) 124 Page - SINOWEALTH Electronic Ltd |
|
124 / 152 page ![]() SH79F6488/SH79F6489 124 8.10 Low Voltage Reset (LVR) 8.10.1 Features Enabled by the code option and VLVR is 3.1V or 4.0V LVR de-bounce timer TLVR is about 60µs An internal reset flag indicates low voltage reset generates The LVR function is used to monitor the supply voltage and generate an internal reset in the device when the supply voltage below the specified value VLVR. The LVR de-bounce timer TLVR is about 60µs. The LVR circuit has the following functions when the LVR function is enabled: (T1 means the time of the supply voltage below VLVR) Generates a system reset when VDD ≤ VLVR and T1 ≥ TLVR; Cancels the system reset when VDD > VLVR or VDD < VLVR, but T1 < TLVR. VDD VLVR TLVR LVR Reset T1 The LVR function is enabled by the code option. It is typically used in AC line or large battery supplier applications, where heavy loads may be switched on and cause the MCU supply-voltage temporarily falls below the minimum specified operating voltage. This feature can protect system from working under bad power supply environment. |