công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F6488P/080PR bảng dữ liệu(PDF) 103 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F6488P/080PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR bảng dữ liệu(HTML) 103 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
SH79F6488/SH79F6489
103
8.6 Analog Digital Converter (ADC)
8.6.1 Features
 20-bit data output
 16-bit resolution
 Internal or external reference voltage can be selected by user
 3 differential input/4 Single-ended inputs
 Multipath correction inputs
The SH79F6488/SH79F6489 include a full-differential 20-
bit Σ-Δ analog to digital converter. This ADC built-in 2 reference
voltage VREF1 and VREF2. User can also select external reference voltage. The analog input will be amplified by the PGA
(Programmable Gain Amplifier) before being input to ADC module. There are two kinds of analog input, differential input and
calibration input.
When set ADON bit in ADCON register, the conversion is always doing. When one conversion is complete, the data in ADC
data register will be updated and ADCIF bit in ADCON register will be set. If ADC interrupt is enabled, the ADC interrupt will
generate.
The ADC module can also work in IDLE mode and the ADC interrupt will wake up the IDLE mode. But the module is disabled in
Power-Down mode.
8.6.2 ADC Diagram
SCH [3:0]
PGA
+
-
CH+
CH-
GAIN [3:0]
ADC module
+
-
VREF
AIN1-
AIN1+
AIN0-
AIN0+
AIN2-
AIN2+
AN0~AN3
VIN+
VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com