công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH32F2601P/032PR bảng dữ liệu(PDF) 96 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH32F2601P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH32F2601P/032PR bảng dữ liệu(HTML) 96 Page - SINOWEALTH Electronic Ltd

Back Button SH32F2601P/032PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 370 page
background image
SH32F2601
96
13
MODER13
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
12
MODER12
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
11
MODER11
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
10
MODER10
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
9
MODER9
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
8
MODER8
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
7
MODER7
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
6
MODER6
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
5
MODER5
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
4
MODER4
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
3
MODER3
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
2
MODER2
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
1
MODER1
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
0
MODER0
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com