công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH32F2601P/032PR bảng dữ liệu(PDF) 2 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH32F2601P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH32F2601P/032PR bảng dữ liệu(HTML) 2 Page - SINOWEALTH Electronic Ltd

  SH32F2601P/032PR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 370 page
background image
SH32F2601
2
2.
OverView
SH32F2601 is a high-performance 32-bit microcontroller based on ARM Star core, operating at a frequency of up to
84MHz. Due to the memory instruction acceleration structure using, it can achieve a performance equivalent to about 0 wait
state program execution from flash memory at top frequency.
The ARM Star core is mature and reliable, has a complete ecosystem and is able to give efficient instructions. SH32F2601
fully exploits the advantages of the ARM Star core and focuses on providing highly integrated, highly reliable monolithic
integrated circuits. It is mainly applied to motor control application and other industrial control fields, including various brushless
DC motors, permanent magnet synchronous motors, high-performance inverters, high-efficiency DC-AC inverters, etc.
On the aspect of calculating, the ARM Star core has built-in DSP, FPU, and a hardware 32-bit multiplier, divider, and shift
register. Additionally, SH32F2601 further provides a mathematical operation coprocessing unit (with MACP module), offering
hardware CORDIC operation and achieving fast coordinate rotation, sine and cosine, arctangent and modulo calculations, also
can achieve direct calculation of Park transform or inverse transform. It can also provide hardware IQ division operation;
achieve fast 32-bit Q-format division, and support low-bit zero-padding for 64-bit divide-32-bit operation. Finally, it can provide
hardware SVPWM circuit and achieve the generation of hardware-based SVPWM waveform with five-segment and
seven-segment.
SH32F2601 has an independent motor control PWM modules (MCM), 2 programmable counter arrays (PCA), integrates 4
high-speed operational amplifiers and 1 analog comparators as well as a 12-bit 2M SPS multi-channel high-speed ADCs. It also
has built-in temperature sensor circuit and reference voltage generating circuit. SH32F2601 is very suitable for high
performance motor control applications, especially for various Brushless DC motor (BLDC) and permanent magnet
synchronous motor (PMSM) controls.
SH32F2601 provides 8/16/32-bit CRC code & data verification,IWDT, WWDT, low voltage reset circuit, brownout detection
circuit, clock security monitor circuit, and can provide code protection mechanism to ensure system reliability and code security
based on customer security code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com