công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH32F2601P/032PR bảng dữ liệu(PDF) 57 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH32F2601P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH32F2601P/032PR bảng dữ liệu(HTML) 57 Page - SINOWEALTH Electronic Ltd

Back Button SH32F2601P/032PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH32F2601P/032PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 370 page
background image
SH32F2601
57
10.3.1
Clock Control Register (RCC_CR)
Offset Address: 0x0000
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Reserved
CSM
ON
PLL
RDY
PLL
ON
HSE
RDY
HSE
ON
SWS[1:0]
SW[1:0]
-
RW
RO
RW
RO
RW
RO
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 9
Reserved
-
8
CSMON
CSM Clock detection Enable Bit
0: CSM Disable
1: CSM Enable
7
PLLRDY
PLL clock ready flag
After the PLL is locked, it is set to '1' by hardware.
0: PLL is not locked
1: PLL is locked
6
PLLON
PLL enable
Set to '1' by software or cleared to enable or disable PLL
This bit cannot be cleared when PLL clock is used as the system clock.
0: PLL is disabled
1: PLL is enabled
5
HSERDY
External high frequency oscillator ready flag
Set to 1 by hardware to indicate that the external high frequency oscillator is
stabilized.After the HSEON bit is cleared, this bit requires 6 external 4-12MHz
clock cycles to be cleared.
0: External 4-12MHz clock is not ready
1: External 4-12MHz clock is ready
Description: This bit is dependent on HSEON and only indicates the external
high frequency oscillator ready state.
4
HSEON
External high frequency oscillator enable
Set to 1 or cleared by software. This bit cannot be cleared when the HSE is
used directly or indirectly as the system clock.
0: HSE oscillator is disabled
1: HSE oscillator is enabled
3 ~ 2
SWS[1:0]
System clock switch status
Set to ‘1’ or cleared by hardware to indicate the system clock source.
00: HSI as the system clock
01: HSE as the system clock
1x: PLL output as system clock
1 ~ 0
SW[1:0]
System clock switch
Set to ‘1’ or cleared by software to select the system clock source.
00: HSI as the system clock
01: HSE as the system clock
1x: PLL output as system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com