| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L4 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 33 page ![]() STM32L4+ & STM32L4 Series Pin Compatibility 3 Package STM32L4P5xx/Q5xx vs. STM32L4R5xx/S5xx/R 7xx/S7xx STM32L4P5xx/Q5xx vs. STM32L4R9xx/S9xx STM32L4P5xx/Q5xx vs. STM32L4 Series STM32L4R5xx/S5xx/R7 xx/S7xx vs. STM32L4 Series STM32L4R9xx/S9xx vs. STM32L4 Series LQFP48 UFQFPN48 - - compatible - - LQFP64 - - compatible - - LQFP100 compatible incompatible compatible compatible incompatible WLCSP100 - - compatible - - UFBGA132 compatible - compatible compatible - LQFP144 compatible incompatible compatible compatible incompatible WLCSP144 - - - - - UFBGA144 - - - - incompatible UFBGA169 compatible incompatible compatible compatible incompatible For more details about pin to pin compatibility refer to AN5017 “Migrating between STM32L476xx/486xx and STM32L4+ Series microcontrollers” The STM32L4+ series is fully pin to pin compatible with the STM32L4 series except for the STM32L4R9xx/S9xx lines. 3 |