| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L4 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 33 page ![]() STM32L476/486 Versus STM32L4+ Series 29 STM32L4Rxxx/4Sxxx STM32L4P5xx/4Q5xx STM32L476/486 Graphic Peripherals DMA2D with byte swap bytes tow by two ( SB bit added) to support 18/24-bit mode (RGB888) - MIPI-DSI Host ( 2 lanes) - - Chrom-GRC (GFXMMU) - - LCD-TFT - Digital Camera interface (14-bit) - As already said in introduction, STM32L4+ embeds advanced graphic features enabling state-of-the-art Graphic User Interfaces. 29 |