| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L4 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 33 page ![]() STM32L476/486 Versus STM32L4+ Series 28 STM32L4Rxxx/4Sxxx STM32L4P5xx/4Q5xx STM32L476/486 Peripheral Summary 4 x I2C 3 x I2C - PSSI 2x SAI ( PDM mode on SAI1), new clock source ( HSI) 2x SAI 5x U(S)ART + 1x LPUART (FIFO, SPI slave transmission) 5x U(S)ART + 1x LPUART 1xCAN 2xCAN 1x ADC (12-bit) 2x ADC (12-bit) 3x ADC (12-bit) 2x 12-bit DAC channels (updated triggers) 2x 12-bit DAC channels 2xOPAMP, 2xCOMP CRC/ 2x DMA / RTC / FIREWALL/ WWDG / IWDG / TIMx / LPTIMx /TSC/RNG DMAMUX - AES - - PKA - HASH - - LCD - SWPMI And here are some more peripheral updates between the two product lines. 28 |