công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L4 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STM32L4
Giải thích chi tiết về linh kiện  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 7Page - STMicroelectronics STM32L4 Datasheet HTML 8Page - STMicroelectronics STM32L4 Datasheet HTML 9Page - STMicroelectronics STM32L4 Datasheet HTML 10Page - STMicroelectronics STM32L4 Datasheet HTML 11Page - STMicroelectronics STM32L4 Datasheet HTML 12Page - STMicroelectronics STM32L4 Datasheet HTML 13Page - STMicroelectronics STM32L4 Datasheet HTML 14Page - STMicroelectronics STM32L4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
System Clock Selection
Switching from Low to High speed or from High to Low speed system
clock, it is recommended to use a transition state with a medium speed
clock for at least 1us.
Clock source switching conditions:
Switching from HSE or HSI or MSI to PLL with AHB frequency ( HCLK) higher than
80MHz.
Switching from PLL with HCLK higher than 80MHz to HSE or HSI or MSI
Transition state:
Set the AHB prescaler HPRE[3:0] bits to divide System frequency by 2
Switch system clock to PLL
Reconfigure AHB prescaler bits to needed HCLK frequency
10
In STM32L4+ Series devices, it is recommended to use a
transition state while switching from Low to High speed or
from High to Low speed system clock. This slide presents
the recommended sequence for the transition state.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33