công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF071MM2STR bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG

tên linh kiện RF071MM2STR
Giải thích chi tiết về linh kiện  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 16Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 17Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 18Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 19Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 20Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 21Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 22Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 23Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
User manual
20
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Schematics and layout
Figure 14 depicts IU+ current feedback sensing circuity on EVAL-M1-101T evaluation board. Please note that the
default external amplification gain is less than 1 for current sense in this evaluation board.
Figure 14 The part of current feedback on the EVAL-M1-101T evaluation board
Based on the principle of Kirchhoff's voltage law,
≈ ≈( − ∗ )∗ + + ∗ = + + + ∗
= + =56 _ℎ
Based on this calculation, the current input for the MADK combination of EVAL-M1-101T and EVAL-M1-
CTE610N3 is 83.3 mV/A.
Please use same procedure to calculate the current input for other combinations of MADK boards and enter it
into MCEWizard as shown in Figure 15.
Figure 15 Current feedback configuration in MCEWizard for EVAL-M1-101T and EVAL-M1-IM240-A
R7
2k, 1%
C15
220pF
IU+
R6
10k, 1%
+3.3V
R8
100R
Rsh
iMOTION
IU
Controller
V1
V2
6
Current Shunt
Resistor on power board
1sh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com