| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF071MM2STR bảng dữ liệu(PDF) 16 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
RF071MM2STR bảng dữ liệu(HTML) 16 Page - Infineon Technologies AG |
|
16 / 36 page ![]() User manual 16 Revision 1.1 2020-09-29 EVAL-M1-IM240-A user manual iMOTION™ modular application design kit Getting started with EVAL-M1-IM240-A 4.2.2 MCEDesigner setup overview After installing MCEDesigner installer, there is a shortcut for MCEDesigner on the windows desktop. Double click the shortcut to open MCEDesigner and then open “IMC101T_xx.irc” file as shown in Figure 8. Figure 8 MCEDesigner’s main display for EVAL-M1-101T To program system-drive parameter file into IMC101T-T038, please click “Tools” menu and select “Programmer” in the pull down list. The pop-up window “Program IMC controller” will show up as in Figure 9. Click on the “Program Parameters” radio button (this is the default option), and then select the drive system parameter file created using MCEWizard by clicking on “Browse”. Finally, click on the “Start” button to program the parameter file into the IMC101T-T038 IC. Figure 9 “Program IMC Controller” pop-up window After the drive system parameter file has been programmed into IMC101 controller, and the motor drive system is powered, the MCEDesigner can be used to start/stop the motor, display motor current traces, change the motor speeds, modify drive parameters and many other functions. Please refer to the MCEDesigner documentation for more details. |