công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF071MM2STR bảng dữ liệu(PDF) 31 Page - Infineon Technologies AG

tên linh kiện RF071MM2STR
Giải thích chi tiết về linh kiện  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR bảng dữ liệu(HTML) 31 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 27Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 28Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 29Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 30Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 31Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 32Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 33Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 34Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
User manual
31
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Bill of materials of EVAL-M1-IM240-A
6
Bill of materials of EVAL-M1-IM240-A
Table 7 provides the complete bill of materials of the evaluation board.
Table 7
Bill of materials
No Qty Part description
Designator Part number
Manufacturer
1
1
RECT BRIDGE GPP 4A 600V GBU
BR1
GBU406
2
1
CAP SMD 470pF 100V 0603
C1
885012006083
Wurth Electronics Inc.
3
1
CAP CER 1000pF 630V 1206
C2
885342208011
Wurth Electronics Inc.
4
2
ECAP ALUM 100μF 16V RADIAL
C3, C8
860010372006
Wurth Electronics Inc.
5
1
ECAP ALUM 330μF 25V RADIAL
C4
860020474013
Wurth Electronics Inc.
6
2
CAP CER 10UF 16V X5R 0805
C6, C5
885012107014
Wurth Electronics Inc.
7
1
ECAP ALUM 220μF 16V RADIAL
C7
860080374009
Wurth Electronics Inc.
8
1
CAP ALUM 100UF 20% 35V RADIAL
C9
860020573008
Wurth Electronics Inc.
9
3
CAP CER 0.1UF 16V X7R 0603
C10, C11,
C12
885012206046
Wurth Electronics Inc.
10
1
ECAP ALUM 220uF 450V 20%
RADIAL
C13
861221485015
Wurth Electronics Inc.
11
4
CAP CER 0.012µF 500V X7R 1206
C14, C15,
C21, C22
1206J5000123MDR
12
1
CAP CER 1000pF 16V 0603
C16
885012206034
Wurth Electronics Inc.
13
1
CAP CER 2200PF 16V X7R 0603
C17
885012206036
Wurth Electronics Inc.
14
1
CAP CER 220nF 16V 0603
C18
885012206048
Wurth Electronics Inc.
15
1
CAP CER 0.1UF 50V X7R 0805
C19
885012207098
Wurth Electronics Inc.
16
1
CAP CER 1000PF 50V C0G/NP0 0603
C20
885012006063
Wurth Electronics Inc.
17
6
CAP CER 0.1µF 50V X7R 0805
C23, C25,
C27, C28,
C32, C34
885012207098
Wurth Electronics Inc.
18
3
CAP CER 1µF 25V X7R 0805
C24, C26,
C33
885012207078
Wurth Electronics Inc.
19
1
CAP CER 470PF 50V C0G/NP0 0805
C29
885012007061
Wurth Electronics Inc.
20
1
CAP CER 1000PF 50V C0G/NP0 0805
C30
885012007063
Wurth Electronics Inc.
21
1
CAP CER 2200pF 50V C0G/NP0 0805
C31
885012007065
Wurth Electronics Inc.
22
2
CAP CER 1000pF 50V C0G/NP0 0805
C35,C30
885012007063
Wurth Electronics Inc.
23
2
CAP FILM 0.1UF 10% 275VAC RADIAL CX1, CX2
890324025017CS
Wurth Electronics Inc.
24
2
CAP CER 2200pF 250VAC RADIAL
CY1, CY2
DE2E3KY222MN3A
M02F
25
1
DIODE Schottky 100V 3A DO214AB
D3
SS3H10-E3/9AT
26
1
DIODE FRD 1000V 1A DO241AC
D4
US1M-E3/61T
27
1
DIODE Schottky 45V 1.5A DO214AC
D5
BYS10-45-E3/TR3
28
1
RF071M2S-200V-700mA
D6
RF071MM2STR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com