| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF071MM2STR bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
RF071MM2STR bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG |
|
13 / 36 page ![]() User manual 13 Revision 1.1 2020-09-29 EVAL-M1-IM240-A user manual iMOTION™ modular application design kit Getting started with EVAL-M1-IM240-A 7. Start MCEDesigner tool and open MCEDesigner default configuration file (.irc) for IMC101T-T038 controller (IMC101T_Vxxx.irc) by clicking “File” > “Open”. IMC101T_Vxxx.irc file is included in ”IMC101T-T038 MCE Software Package” downloaded in step 1. 8. MCEDesigner should automatically connect to the EVAL-M1-101T control board using default COM port (Indicated by green circle next to “COMx Up” status in the bottom frame of the MCEDesigner GUI). If it cannot establish the connection, change COM port by doing following steps: (“System” window active) > Preferences > Connection > Connect using (Chose one of the other available COM ports from the drop-down menu). 9. Use following steps to program the system parameters into the internal SRAM of iMOTION™ IC: Click “Tools” > “Programmer” and select “Program Parameters”. Browse and select the System Drive Parameters .txt file created in step 4. See chapter MCEDesigner setup overview 4.2.2 for more details. 10. Start the motor by clicking the green traffic light button in the control bar. |