công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS602BIPW/S8 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện SC18IS602BIPW/S8
Giải thích chi tiết về linh kiện  I2C-bus to SPI bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS602BIPW/S8 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button SC18IS602BIPW/S8 Datasheet HTML 6Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 7Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 8Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 9Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 10Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 11Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 12Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 13Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SC18IS602B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 7 — 21 October 2019
10 of 25
NXP Semiconductors
SC18IS602B
I2C-bus to SPI bridge
7.1.11 GPIO Configuration - Function ID F7h
The pins defined as GPIO may be configured by software to one of four types on a
pin-by-pin basis. These are: quasi-bidirectional, push-pull, open-drain, and input-only.
Two bits select the output type for each port pin.
The SSn pins defined as GPIO, for example SS0.0 and SS0.1, may be configured by
software to one of four types. These are: quasi-bidirectional, push-pull, open-drain, and
input-only. Two configuration bits in GPIO Configuration register for each pin select the
type for each pin. A pin has Schmitt-triggered input that also has a glitch suppression
circuit.
7.1.11.1
Quasi-bidirectional output configuration
Quasi-bidirectional outputs can be used both as an input and output without the need to
reconfigure the pin. This is possible because when the pin outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
LOW, it is driven strongly and able to sink a large current. There are three pull-up
transistors in the quasi-bidirectional output that serve different purposes.
One of these pull-ups, called the ‘very weak’ pull-up, is turned on whenever the port latch
for the pin contains a logic 1. This very weak pull-up sources a very small current that will
pull the pin HIGH if it is left floating.
A second pull-up, called the ‘weak’ pull-up, is turned on when the port latch for the pin
contains a logic 1 and the pin itself is also at a logic 1 level. This pull-up provides the
primary source current for a quasi-bidirectional pin that is outputting a 1. If this pin is
Table 10.
GPIO Configuration (F7h) bit allocation
7
6
5
4
3
2
1
0
SS3.1
SS3.0
SS2.1
SS2.0
SS1.1
SS1.0
SS0.1
SS0.0
Table 11.
GPIO Configuration (F7h) bit description
Bit
Symbol
Description
7
SS3.1
SS3[1:0] = 00: quasi-bidirectional
SS3[1:0] = 01: push-pull
SS3[1:0] = 10: input-only (high-impedance)
SS3[1:0] = 11: open-drain
6
SS3.0
5
SS2.1
SS2[1:0] = 00: quasi-bidirectional
SS2[1:0] = 01: push-pull
SS2[1:0] = 10: input-only (high-impedance)
SS2[1:0] = 11: open-drain
4
SS2.0
3
SS1.1
SS1[1:0] = 00: quasi-bidirectional
SS1[1:0] = 01: push-pull
SS1[1:0] = 10: input-only (high-impedance)
SS1[1:0] = 11: open-drain
2
SS1.0
1
SS0.1
SS0[1:0] = 00: quasi-bidirectional
SS0[1:0] = 01: push-pull
SS0[1:0] = 10: input-only (high-impedance)
SS0[1:0] = 11: open-drain
0
SS0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com