công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS602BIPW/S8 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện SC18IS602BIPW/S8
Giải thích chi tiết về linh kiện  I2C-bus to SPI bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS602BIPW/S8 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  SC18IS602BIPW/S8 Datasheet HTML 1Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 2Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 3Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 4Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 5Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 6Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 7Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 8Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SC18IS602B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 7 — 21 October 2019
4 of 25
NXP Semiconductors
SC18IS602B
I2C-bus to SPI bridge
7.
Functional description
The SC18IS602B acts as a bridge between an I2C-bus and an SPI interface. It allows an
I2C-bus master device to communicate with any SPI-enabled device.
7.1 I2C-bus interface
The I2C-bus uses two wires (SDA and SCL) to transfer information between devices
connected to the bus, and it has the following features:
• Bidirectional data transfer between masters and slaves
• Multi-master bus (no central master)
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer
• The I2C-bus may be used for test and diagnostic purposes
A typical I2C-bus configuration is shown in Figure 3. (Refer to NXP Semiconductors
UM10204, “I2C-bus specification and user manual”, at
www.nxp.com/documents/user_manual/UM10204.pdf.)
The SC18IS602B device provides a byte-oriented I2C-bus interface that supports data
transfers up to 400 kHz. When the I2C-bus master is reading data from SC18IS602B, the
device will be a slave-transmitter. The SC18IS602B will be a slave-receiver when the
I2C-bus master is sending data. At no time does the SC18IS602B act as an I2C-bus
master, however, it does have the ability to hold the SCL line LOW between bytes to
complete its internal processes.
Fig 3.
I2C-bus configuration
RPU
002aac445
VDD
SC18IS602B
I2C-BUS
DEVICE
I2C-BUS
DEVICE
I2C-bus
SDA
SCL
RPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com