công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS602BIPW/S8 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện SC18IS602BIPW/S8
Giải thích chi tiết về linh kiện  I2C-bus to SPI bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS602BIPW/S8 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button SC18IS602BIPW/S8 Datasheet HTML 9Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 10Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 11Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 12Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 13Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 14Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 15Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 16Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SC18IS602B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 7 — 21 October 2019
13 of 25
NXP Semiconductors
SC18IS602B
I2C-bus to SPI bridge
7.2 SPI interface
The SPI interface can support Mode 0 through Mode 3 of the SPI specification and can
operate up to 1.8 Mbit/s. The SPI interface uses at least four pins: SPICLK, MOSI, MISO,
and Slave Select (SSn).
SSn are the slave select pins. In a typical configuration, an SPI master selects one SPI
device as the current slave.
There are actually four SSn pins (SS0, SS1, SS2 and SS3) to allow the SC18IS602B to
communicate with multiple SPI devices.
The SC18IS602B generates the SPICLK (SPI clock) signal in order to send and receive
data. The SCLK, MOSI, and MISO are typically tied together between two or more SPI
devices. Data flows from the SC18IS602B (master) to slave on the MOSI pin (Pin 6) and
the data flows from slave to SC18IS602B (master) on the MISO pin (Pin 5).
8.
I2C-bus to SPI communications example
The following example describes a typical sequence of events required to read the
contents of an SPI-based EEPROM. This example assumes that the SC18IS602B is
configured to respond to address 50h. A START condition is shown as ‘ST’, while a STOP
condition is ‘SP’. The data is presented in hexadecimal format.
1. The first message is used to configure the SPI port for mode and frequency.
ST,50,F0,02,SP
SPI frequency 115 kHz using Mode 0
2. An SPI EEPROM first requires that a Write Enable command be sent before data can
be written.
ST,50,04,06,SP
EEPROM write enable using SS2, assuming the Write Enable is
06h
3. Clear the interrupt. This is not required if using a polling method rather than interrupts.
ST,50,F1,SP
Clear interrupt
4. Write the 8 data bytes. The first byte (Function ID) tells the SC18IS602B which Slave
Select output to use. This example uses SS2 (shown as 04h). The first byte sent to
the EEPROM is normally 02h for the EEPROM write command. The next one or two
bytes represent the subaddress in the EEPROM. In this example, a two-byte
subaddress is used. Bytes 00 and 30 would cause the EEPROM to write to
subaddress 0030h. The next eight bytes are the eight data bytes that will be written to
subaddresses 0030h through 0037h.
ST,50,04,02,00,30,01,02,03,04,05,06,07,08,SP
Write 8 bytes using SS2
5. When an interrupt occurs, do a Clear Interrupt or wait until the SC18IS602B responds
to its I2C-bus address.
ST,50,F1,SP
Clear interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com