công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS602BIPW/S8 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện SC18IS602BIPW/S8
Giải thích chi tiết về linh kiện  I2C-bus to SPI bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS602BIPW/S8 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  SC18IS602BIPW/S8 Datasheet HTML 1Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 2Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 3Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 4Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 5Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 6Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 7Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 8Page - NXP Semiconductors SC18IS602BIPW/S8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SC18IS602B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 7 — 21 October 2019
2 of 25
NXP Semiconductors
SC18IS602B
I2C-bus to SPI bridge
4.
Ordering information
4.1 Ordering options
[1]
NXP plans to supply the /S8 device with an expected discontinuation in the 2024-2025 timeframe, but in the meantime, Failure Analysis
for /S8 devices will consist of Automated Test Equipment (ATE) and electrical overstress verification along with package and wire bond
validation only. Detailed device failure analysis will not be available; refer to CIN 201708035I.
5.
Block diagram
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
SC18IS602BIPW/S8
IS602B
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 2.
Ordering options
Type number
Orderable part number
Package
Packing method
Minimum
order
quantity
Temperature
SC18IS602BIPW/S8
SC18IS602BIPW/S8HP[1]
TSSOP16 REEL 13" Q4/T2
*STANDARD
MARK SMD
2500
Tamb = 40 C to
+85
C
(1) Unused slave select outputs may be used for GPIO.
Fig 1.
Block diagram of SC18IS602B
MOSI
SC18IS602B
002aac443
I2C-BUS
INTERRUPT
CONTROL
LOGIC
INT
CONTROL
REGISTER
SCL
RESET
SDA
BUFFER
SPI
MISO
SPICLK
SS0
SS1
SS2
SS3
(1)
INTERNAL
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com