công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU8R bảng dữ liệu(PDF) 85 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU8R
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU8R bảng dữ liệu(HTML) 85 Page - NXP Semiconductors

Back Button MPC5644BCFCLU8R Datasheet HTML 81Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 82Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 83Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 84Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 85Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 86Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 87Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 88Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
85
4.19
On-chip peripherals
4.19.1
Current consumption
Table 48. On-chip peripherals current consumption1
Symbol
C
Parameter
Conditions
Value2
Unit
Typ
IDD_HV_A(CAN)
CC
D CAN
(FlexCAN)
supply current
on VDD_HV_A
500
Kbps
Total (static +
dynamic)
consumption:
FlexCAN in loop-back
mode
XTAL@8 MHz used
as CAN engine clock
source
Message sending
period is 580 µs
7.652
× fperiph + 84.73
µA
125
Kbps
8.0743
× fperiph + 26.757
IDD_HV_A(eMIOS)
CC
D eMIOS supply
current on
VDD_HV_A
Static consumption:
eMIOS channel OFF
Global prescaler enabled
28.7
× fperiph
Dynamic consumption:
It does not change varying the
frequency (0.003 mA)
3
IDD_HV_A(SCI)
CC
D SCI (LINFlex)
supply current
on VDD_HV_A
Total (static + dynamic)
consumption:
LIN mode
Baudrate: 20 Kbps
4.7804
× fperiph + 30.946
IDD_HV_A(SPI)
CC
D SPI (DSPI)
supply current
on VDD_HV_A
Ballast static consumption (only
clocked)
1
Ballast dynamic consumption
(continuous communication):
Baudrate: 2 Mbit
Transmission every 8 µs
Frame: 16 bits
16.3
× fperiph
IDD_HV_A(ADC)
CC
D ADC supply
current on
VDD_HV_A
VDD =
5.5 V
Ballast static
consumption (no
conversion)
0.0409
× fperiph
mA
VDD =
5.5 V
Ballast dynamic
consumption
(continuous
conversion)
0.0049
× fperiph
IDD_HV_ADC0
CC
D ADC_0 supply
current on
VDD_HV_ADC0
VDD =
5.5 V
Analog static
consumption (no
conversion)
200
µA
Analog dynamic
consumption
(continuous
conversion)
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com