công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU8R bảng dữ liệu(PDF) 51 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU8R
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU8R bảng dữ liệu(HTML) 51 Page - NXP Semiconductors

Back Button MPC5644BCFCLU8R Datasheet HTML 47Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 48Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 49Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 50Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 51Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 52Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 53Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 54Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
51
Table 20. I/O consumption
Symbol
C
Parameter
Conditions1,2
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 V
DD as mentioned in the table is VDD_HV_A/VDD_HV_B.
Value3
3 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
ISWTSLW
,4
4 Stated maximum values represent peak consumption that lasts only a few ns during I/O transition.
CC D Peak I/O current for
SLOW configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
19.9
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
15.5
ISWTMED
(4)
CC D Peak I/O current for
MEDIUM
configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
28.8
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
16.3
ISWTFST
(4)
CC D Peak I/O current for
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
113.5
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
52.1
IRMSSLW
CC D Root mean square
I/O current for SLOW
configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
2.22
mA
CL = 25 pF, 4 MHz
—
—
3.13
CL = 100 pF, 2 MHz
—
—
6.54
CL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
1.51
CL = 25 pF, 4 MHz
—
—
2.14
CL = 100 pF, 2 MHz
—
—
4.33
IRMSMED
CC D Root mean square
I/O current for
MEDIUM
configuration
CL = 25 pF, 13 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
6.5
mA
CL = 25 pF, 40 MHz
—
—
13.32
CL = 100 pF, 13 MHz
—
—
18.26
CL = 25 pF, 13 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
4.91
CL = 25 pF, 40 MHz
—
—
8.47
CL = 100 pF, 13 MHz
—
—
10.94
IRMSFST
CC D Root mean square
I/O current for FAST
configuration
CL = 25 pF, 40 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
21.05 mA
CL = 25 pF, 64 MHz
—
—
33
CL = 100 pF, 40 MHz
—
—
55.77
CL = 25 pF, 40 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
14
CL = 25 pF, 64 MHz
—
—
20
CL = 100 pF, 40 MHz
—
—
34.89
IAVGSEG
SR D Sum of all the static
I/O current within a
supply segment
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
70
mA
VDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
654



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com