công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU8R bảng dữ liệu(PDF) 61 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU8R
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU8R bảng dữ liệu(HTML) 61 Page - NXP Semiconductors

Back Button MPC5644BCFCLU8R Datasheet HTML 57Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 58Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 59Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 60Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 61Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 62Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 63Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 64Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
61
ECC circuitry provides correction of single bit faults and is used to improve further automotive reliability results. Some units
will experience single bit corrections throughout the life of the product with no impact to product reliability.
4.10.2
Flash memory power supply DC characteristics
Table 29 shows the flash memory power supply DC characteristics on external supply.
Table 28. Flash memory read access timing1
1 Max speed is the maximum speed allowed including PLL frequency modulation (FM).
Symbol
C
Parameter
Conditions2
2 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
Frequency
range
Unit
Code flash
memory
Data flash
memory
fREAD
CC
P Maximum frequency for Flash reading 5 wait states
13 wait states
120 —100
MHz
C
4 wait states
11 wait states
100—80
D
3 wait states
9 wait states
80—64
C
2 wait states
7 wait states
64—40
C
1 wait states
4 wait states
40—20
C
0 wait states
2 wait states
20—0
Table 29. Flash memory power supply DC electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
ICFREAD
3
3 Data based on characterization results, not tested in production.
CC Sum of the current consumption
on VDD_HV_A on read access
Flash memory module read
fCPU = 120 MHz + 2%
4
4 f
CPU 120 MHz + 2% can be achieved over full temperature 125 °C ambient, 150 °C junction temperature.
Code flash
memory
33
mA
IDFREAD
(3)
Data flash
memory
13
ICFMOD
(3) CC Sum of the current consumption
on VDD_HV_A (program/erase)
Program/Erase on-going
while reading flash memory
registers
fCPU = 120 MHz + 2%
(4)
Code flash
memory
52
mA
IDFMOD
(3)
Data flash
memory
13
ICFLPW
(3)
CC Sum of the current consumption
on VDD_HV_A during flash
memory low power mode
Code flash
memory
1.1
mA
ICFPWD
(3) CC Sum of the current consumption
on VDD_HV_A during flash
memory power down mode
Code flash
memory
150
µA
IDFPWD
(3)
Data flash
memory
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com