công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU8R bảng dữ liệu(PDF) 41 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU8R
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU8R bảng dữ liệu(HTML) 41 Page - NXP Semiconductors

Back Button MPC5644BCFCLU8R Datasheet HTML 37Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 38Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 39Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 40Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 41Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 42Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 43Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 44Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
41
4.4
Recommended operating conditions
Table 9. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS_HV
SR Digital ground on VSS_HV
pins
—0
0
V
VDD_HV_A
1
1 100 nF EMI capacitance need to be provided between each VDD/VSS_HV pair.
SR Voltage on VDD_HV_A pins
with respect to ground
(VSS_HV)
—3.0
3.6
V
VDD_HV_B
1
SR Voltage on VDD_HV_B pins
with respect to ground
(VSS_HV)
—3.0
3.6
V
VSS_LV
2
SR Voltage on VSS_LV (low
voltage digital supply) pins
with respect to ground
(VSS_HV)
—VSS_HV − 0.1
VSS_HV +0.1
V
VRC_CTRL
3
Base control voltage for
external BCP68 NPN device
Relative to VDD_LV
0VDD_LV +1
V
VSS_ADC
SR Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC
reference) pin with respect to
ground (VSS_HV)
—VSS_HV − 0.1
VSS_HV +0.1
V
VDD_HV_ADC0
4
SR Voltage on VDD_HV_ADC0
with respect to ground
(VSS_HV)
—3.05
3.6
V
Relative to VDD_HV_A
6
VDD_HV_A − 0.1 VDD_HV_A + 0.1
VDD_HV_ADC1
7
SR Voltage on VDD_HV_ADC1
with respect to ground
(VSS_HV)
—3.0
3.6
V
Relative to VDD_HV_A
6
VDD_HV_A − 0.1 VDD_HV_A +0.1
VIN
SR Voltage on any GPIO pin with
respect to ground (VSS_HV)
—VSS_HV − 0.1
—
V
Relative to
VDD_HV_A/HV_B
—VDD_HV_A/HV_B
+0.1
IINJPAD
SR Injected input current on any
pin during overload condition
—
−55
mA
IINJSUM
SR Absolute sum of all injected
input currents during overload
condition
—
−50
50
TVDD
SR VDD_HV_A slope to ensure
correct power up8
——
0.5
V/µs
—
0.5
—
V/min
TA
SR Ambient temperature under
bias
fCPU up to
120 MHz
+ 2%
–40
125
°C
TJ
SR Junction temperature under
bias
—
−40
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com