công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU8R bảng dữ liệu(PDF) 37 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU8R
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU8R bảng dữ liệu(HTML) 37 Page - NXP Semiconductors

Back Button MPC5644BCFCLU8R Datasheet HTML 33Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 34Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 35Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 36Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 37Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 38Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 39Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 40Page - NXP Semiconductors MPC5644BCFCLU8R Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 116 page
background image
Package pinouts and signal descriptions
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
37
PM[1]
PCR[193]
AF0
AF1
AF2
AF3
GPIO[193]
—
MDO10
—
SIUL
—
Nexus
—
I/O
—
O
—
M/S
Tristate
—
—
E9
PM[2]
PCR[194]
AF0
AF1
AF2
AF3
GPIO[194]
—
MDO11
—
SIUL
—
Nexus
—
I/O
—
O
—
M/S
Tristate
—
—
F12
PM[3]
PCR[195]
AF0
AF1
AF2
AF3
GPIO[195]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
K12
PM[4]
PCR[196]
AF0
AF1
AF2
AF3
GPIO[196]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
L12
PM[5]
PCR[197]
AF0
AF1
AF2
AF3
GPIO[197]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
F9
PM[6]
PCR[198]
AF0
AF1
AF2
AF3
GPIO[198]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
F6
1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA =
000
→ AF0; PCR.PA = 001 → AF1; PCR.PA = 010 → AF2; PCR.PA = 011 → AF3; PCR.PA = 100 → ALT4. This is
intended to select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’,
regardless of the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only
function is reported as “—”.
2 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by
setting the values of the PSMIO.PADSELx bitfields inside the SIUL module.
3 NMI[0] and NMI[1] have a higher priority than alternate functions. When NMI is selected, the PCR.PA field is
ignored.
4 SXOSC’s OSC32k_XTAL and OSC32k_EXTAL pins are shared with GPIO functionality. When used as crystal pins,
other functionality of the pin cannot be used and it should be ensured that application never programs OBE and
PUE bit of the corresponding PCR to "1".
5 If you want to use OSC32K functionality through PB[8] and PB[9], you must ensure that PB[10] is static in nature
as PB[10] can induce coupling on PB[9] and disturb oscillator frequency.
6 Out of reset all the functional pins except PC[0:1] and PH[9:10] are available to the user as GPIO.
PC[0:1] are available as JTAG pins (TDI and TDO respectively).
PH[9:10] are available as JTAG pins (TCK and TMS respectively).
It is up to the user to configure these pins as GPIO when needed.
Table 4. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com