công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360ECVVALFHA bảng dữ liệu(PDF) 58 Page - NXP Semiconductors

tên linh kiện MPC8360ECVVALFHA
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA bảng dữ liệu(HTML) 58 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 54Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 55Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 56Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 57Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 58Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 59Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 60Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 61Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
58
Freescale Semiconductor
UTOPIA/POS AC Timing Specifications
This figure provides the AC test load for the UTOPIA.
Figure 46. UTOPIA AC Test Load
These figures represent the AC timing from Table 56. Note that although the specifications generally reference the rising edge
of the clock, these AC timing diagrams also apply when the falling edge is the active edge.
This figure shows the UTOPIA timing with external clock.
Figure 47. UTOPIA AC Timing (External Clock) Diagram
UTOPIA inputs—Internal clock input hold time
tUIIXKH
2.4
—
ns
—
UTOPIA inputs—External clock input hold time
tUEIXKH
1—
ns
3
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUIKHOX symbolizes the UTOPIA
outputs internal timing (UI) for the time tUTOPIA memory clock reference (K) goes from the high state (H) until outputs (O)
are invalid (X).
3. In rev. 2.0 silicon, due to errata, tUEIVKH minimum is 4.3 ns and tUEIXKH minimum is 1.4 ns under specific conditions. Refer
to Errata QE_UPC3 in Chip Errata for the MPC8360E, Rev. 1.
Table 60. UTOPIA AC Timing Specifications1 (continued)
Characteristic
Symbol2
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
UtopiaCLK (Input)
tUEIXKH
tUEIVKH
tUEKHOV
Input Signals:
UTOPIA
Output Signals:
UTOPIA
tUEKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com