công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360ECVVALFHA bảng dữ liệu(PDF) 25 Page - NXP Semiconductors

tên linh kiện MPC8360ECVVALFHA
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA bảng dữ liệu(HTML) 25 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 21Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 22Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 23Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 24Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 25Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 26Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 27Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 28Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
25
DUART DC Electrical Characteristics
7DUART
This section describes the DC and AC electrical specifications for the DUART interface of the MPC8360E/58E.
7.1
DUART DC Electrical Characteristics
This table provides the DC electrical characteristics for the DUART interface of the device.
7.2
DUART AC Electrical Specifications
This table provides the AC timing parameters for the DUART interface of the device.
8
UCC Ethernet Controller: Three-Speed Ethernet,
MII Management
This section provides the AC and DC electrical characteristics for three-speed, 10/100/1000, and MII management.
8.1
Three-Speed Ethernet Controller (10/100/1000 Mbps)—
GMII/MII/RMII/TBI/RGMII/RTBI Electrical Characteristics
The electrical characteristics specified here apply to all GMII (gigabit media independent interface), MII (media independent
interface), RMII (reduced media independent interface), TBI (ten-bit interface), RGMII (reduced gigabit media independent
interface), and RTBI (reduced ten-bit interface) signals except MDIO (management data input/output) and MDC (management
data clock). The MII, RMII, GMII, and TBI interfaces are only defined for 3.3 V, while the RGMII and RTBI interfaces are only
defined for 2.5 V. The RGMII and RTBI interfaces follow the Hewlett-Packard reduced pin-count interface for Gigabit Ethernet
Table 23. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2OVDD + 0.3
V
—
Low-level input voltage OVDD
VIL
–0.3
0.8
V
—
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.4
—
V
—
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
—
Input current (0 V
≤VIN ≤OVDD)IIN
—±10
μA
1
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 24. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
256
baud
—
Maximum baud rate
>1,000,000
baud
1
Oversample rate
16
—
2
Notes:
1. Actual attainable baud rate is limited by the latency of interrupt processing.
2. The middle of a start bit is detected as the eighth sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values
are sampled each sixteenth sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com