công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360ECVVALFHA bảng dữ liệu(PDF) 31 Page - NXP Semiconductors

tên linh kiện MPC8360ECVVALFHA
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA bảng dữ liệu(HTML) 31 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 27Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 28Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 29Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 30Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 31Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 32Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 33Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 34Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
31
GMII, MII, RMII, TBI, RGMII, and RTBI AC Timing Specifications
8.2.3
RMII AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications.
8.2.3.1
RMII Transmit AC Timing Specifications
This table provides the RMII transmit AC timing specifications.
This figure shows the RMII transmit AC timing diagram.
Figure 15. RMII Transmit AC Timing Diagram
8.2.3.2
RMII Receive AC Timing Specifications
This table provides the RMII receive AC timing specifications.
Table 31. RMII Transmit AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
REF_CLK clock
tRMX
—20—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
REF_CLK to RMII data TXD[1:0], TX_EN delay
tRMTKHDX
tRMTKHDV
2
—
——
10
ns
REF_CLK data clock rise time
tRMXR
1.0
—
4.0
ns
REF_CLK data clock fall time
tRMXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first three letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMTKHDX symbolizes RMII
transmit timing (RMT) for the time tRMX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that,
in general, the clock reference symbol representation is based on two to three letters representing the clock of a particular
functional. For example, the subscript of tRMX represents the RMII(RM) reference (X) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
Table 32. RMII Receive AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
REF_CLK clock period
tRMX
—20—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
REF_CLK
TXD[1:0]
tRMTKHDX
tRMX
tRMXH
tRMXR
tRMXF
TX_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com