công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD3552RFMC2Z bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện EVAL-AD3552RFMC2Z
Giải thích chi tiết về linh kiện  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3552RFMC2Z bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button EVAL-AD3552RFMC2Z Datasheet HTML 17Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 18Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 19Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 20Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 21Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 22Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 23Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 24Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
AD3551R
TERMINOLOGY
analog.com
Rev. 0 | 21 of 60
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or integral nonlinearity is a meas-
urement of the maximum deviation, in LSBs, from a straight line
passing through the endpoints of the DAC transfer function. See
Figure 13 for a typical INL vs. code plot.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. See Figure 14 for a typical DNL vs. code plot.
Offset Error
Offset error is the vertical deviation from the ideal transfer func-
tion after the gain error has been compensated. Offset error is
expressed in mV. In the AD3551R, offset error is measured at
midscale. The comparison between the ideal output and the actual
output is performed at midscale.
Offset Error Drift
The offset error drift is a measurement of the relative variation of
the offset with temperature. It is expressed in ppm/°C. Total offset at
a given temperature is calculated as
OffsetT=Offset25°C+TC×T−25×VRANGE
106
Full-Scale and Zero-Scale Error
These errors measure the deviation from the ideal value at full
scale and zero scale, at 25°C. The error is expressed as % of
full-scale range (FSR). In the case of the AD3551R, the ideal
value is calculated as the average of a sufficiently high number of
samples.
Full-Scale and Zero-Scale Error Drift
These parameters measure the variation of the zero-scale and
full-scale voltage as a function of the temperature, relative to the
ideal zero-scale and full-scale voltages. They are expressed in
ppm/°C. The total deviation over temperature is calculated using
the same formula used for the offset.
DC PSRR and AC PSRR
PSRR indicates how the output of the DAC is affected by changes
in the supply voltage. PSRR is the ratio of the change in VOUT
to a change in the supplies for midscale output of the DAC. It is
measured in dB. VREF is held at 2.5 V, and the supplies are varied
by ±200 mV p-p.
Output Voltage Settling Time
Output voltage settling time is the amount of time it takes for the
output of a DAC to settle to a specified level for a given step
change. See Figure 52 through Figure 57 for typical plots of small
and large signal settling, respectively.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV × sec
and is measured when the digital input code is changed by 1 LSB.
See Figure 48 for a typical glitch impulse plot.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC, but it is
measured when the DAC output is not updated. Digital feedthrough
is specified in nV × sec and measured with a full-scale code change
on the data bus, which means from all 0s to all 1s and vice versa.
See Figure 50 for a typical digital feedthrough plot.
Output Noise Spectral Density
Noise spectral density is a measurement of the internally generated
random noise. Noise is measured at the DAC output when it is
loaded with the midscale code. It is measured in nV/
Hz.See
Figure 32 for a plot of noise spectral density. The noise of the
internal reference is also characterized in Figure 60.
Total Harmonic Distortion (THD)
THD is the difference between an ideal sine wave and the attenuat-
ed version using the DAC. The sine wave is used as the reference
for the DAC, and the THD is a measurement of the harmonics
present on the DAC output. It is measured in dB.
Voltage Reference Temperature Coefficient
(TC)
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The reference TC
is calculated using the box method, which defines the TC as the
maximum change in the reference output over a given temperature
range expressed in ppm/°C, as shown in the following equation:
TC =  VREF_MAX − VREF_MIN
VREF_NOM × TEMP_RANGE
×106 (1)
where:
VREF_MAX is the maximum reference output measured over the total
temperature range.
VREF_MIN is the minimum reference output measured over the total
temperature range.
VREF_NOM is the nominal reference output voltage, 2.5 V.
TEMP_RANGE is the specified temperature range, −40°C to
+105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com